Part Number Hot Search : 
LSZ51A IR212 100LT IRFR3518 N5277 390AN 10WA5M 10A30
Product Description
Full Text Search
 

To Download SMBJ50A-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ5.0(C)A - SMBJ170(C)A
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * *
600W Peak Pulse Power Dissipation 5.0V - 170V Standoff Voltages Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Lead Free Finish/RoHS Compliant (Note 4)
B
Dim A
SMB Min 3.30 4.06 1.91 0.15 5.00 0.10 0.76 2.00 Max 3.94 4.70 2.21 0.31 5.59 0.20 1.52 2.62
A
C
B C D
Mechanical Data
* * * * * * * *
Case: SMB Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity Indicator: Cathode Band (Note: Bi-directional devices have no polarity indicator.) Marking: Date Code and Marking Code See Page 4 Ordering Info: See Page 4 Weight: 0.1 grams (approximate)
D
J
E G H J
H
G E
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol PPK Pder IFSM PM(AV) VBR<100V VBR100V VF Tj TSTG Value 600 4.8 100 5.0 3.5 5.0 -55 to +150 -55 to +175 Unit W W/C A W V V C C
Characteristic Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA = 25C) (Note 1) Peak Power Derating Above 25C Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (Notes 1, 2, & 3) Steady State Power Dissipation @ TL = 75C Instantaneous Forward Voltage @ IPP = 35A (Notes 1, 2, & 3) Operating Temperature Range Storage Temperature Range
Notes: 1. 2. 3. 4.
Valid provided that terminals are kept at ambient temperature. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. Unidirectional units only. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS19002 Rev. 15 - 2
1 of 4 www.diodes.com
SMBJ5.0(C)A - SMBJ170(C)A
a Diodes Incorporated
Part Number Add C For Bi-Directional (Note 5) SMBJ5.0(C)A SMBJ6.0(C)A SMBJ6.5(C)A SMBJ7.0(C)A SMBJ7.5(C)A SMBJ8.0(C)A SMBJ8.5(C)A SMBJ9.0(C)A SMBJ10(C)A SMBJ11(C)A SMBJ12(C)A SMBJ13(C)A SMBJ14(C)A SMBJ15(C)A SMBJ16(C)A SMBJ17(C)A SMBJ18(C)A SMBJ20(C)A SMBJ22(C)A SMBJ24(C)A SMBJ26(C)A SMBJ28(C)A SMBJ30(C)A SMBJ33(C)A SMBJ36(C)A SMBJ40(C)A SMBJ43(C)A SMBJ45(C)A SMBJ48(C)A SMBJ51(C)A SMBJ54(C)A SMBJ58(C)A SMBJ60(C)A SMBJ64(C)A SMBJ70(C)A SMBJ75(C)A SMBJ78(C)A SMBJ85(C)A SMBJ90(C)A SMBJ100(C)A SMBJ110(C)A SMBJ120(C)A SMBJ130(C)A SMBJ150(C)A SMBJ160(C)A SMBJ170(C)A
Notes:
Reverse Standoff Voltage VRWM (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0
Breakdown Voltage VBR @ IT (Note 6) Min (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 Max (V) 7.23 7.67 8.30 8.95 9.58 10.23 10.82 11.50 12.80 14.40 15.30 16.50 17.90 19.20 20.50 21.70 23.30 25.50 28.00 30.70 33.20 35.80 38.30 42.20 46.00 51.10 54.90 57.50 61.30 65.20 69.00 74.60 76.70 81.80 89.50 95.80 99.70 108.20 115.50 128.00 140.00 153.00 165.50 192.50 205.00 217.50
Test Current IT(mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max. Reverse Leakage @ VRWM (Note 7) IR (mA) 800 800 500 200 100 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max. Clamping Voltage @ Ipp VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0
Max. Peak Pulse Current Ipp (A) 65.2 58.3 53.6 50.0 46.5 44.1 41.7 39.0 35.3 33.0 30.2 27.9 25.8 24.0 23.1 21.7 20.5 18.5 16.9 15.4 14.2 13.2 12.4 11.3 10.3 9.3 8.6 8.3 7.7 7.3 6.9 6.4 6.2 5.8 5.3 4.9 4.7 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2
Marking Code BIAE AG AK AM AP AR AT AV AX AZ BE BG BK BM BP BR BT BV BX BZ CE CG CK CM CP CR CT CV CX CZ DE DG DK DM DP DR DT DV DX DZ EE EG EK EM EP ER UNIKE KG KK KM KP KR KT KV KX KZ LE LG LK LM LP LR LT LV LX LZ ME MG MK MM MP MR MT MV MX MZ NE NG NK NM NP NR NT NV NX NZ PE PG PK PM PP PR
5. Suffix C denotes Bi-directional device. 6. VBR measured with IT current pulse = 300ms 7. For Bi-Directional devices having VRWM of 10V and under, the I R is doubled.
DS19002 Rev. 15 - 2
2 of 4 www.diodes.com
SMBJ5.0(C)A - SMBJ170(C)A
100
10,000
Measured at zero bias
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
CT, CAPACITANCE (pF)
75
Uni-directional
1000
50
Bi-directional
100
25
10 X 1000 Waveform as defined by REA
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Pulse Derating Curve
10 1
Tj = 25 C f = 1.0 MHz Vsig = 50 mV p-p
10
100
1000
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Total Capacitance
100
IPP, PEAK PULSE CURRENT (%Ipp)
PPK, PEAK PULSE POWER (kW)
Tj = 25 C
Non Repetitive Pulse Waveform Shown in Fig. 4
100
Peak Value Ipp
10
Half Value Ipp/2
50
1.0
tp
0.1 0.1 1.0 10 100 1000 10000
0
10 X 1000 Waveform as defined by R.E.A.
0
1
2
3
t, TIME (ms) Fig. 4 Pulse Waveform
120
PM(AV), STEADY STATE POWER DISSIPATION (W)
5.0
IFSM, PEAK FORWARD SURGE CURRENT (A)
100
Pulse Width 8.3ms Single Half-Sine-Wave
4.0
80
3.0
60
2.0
40
20
1.0
60Hz Resistive or Inductive Load
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz Fig. 5 Maximum Non-Repetitive Surge Current
0.0 0 25 50 75 100 125 150 175 200 TL, LEAD TEMPERATURE ( C) Fig. 6 Steady State Power Derating Curve
DS19002 Rev. 15 - 2
3 of 4 www.diodes.com
SMBJ5.0(C)A - SMBJ170(C)A
Ordering Information
Device*
(Note 8) Packaging SMB Shipping 5000/Tape & Reel
SMBJXXX(C)A-13-F
Notes:
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*x = Device Voltage, e.g., SMBJ170A-13-F.
Marking Information
YWW XX
XX = Product type marking code (See Page 2) = Manufacturers' code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS19002 Rev. 15 - 2
4 of 4 www.diodes.com
SMBJ5.0(C)A - SMBJ170(C)A


▲Up To Search▲   

 
Price & Availability of SMBJ50A-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X